Electronic Components Datasheet Search |
|
1SV267 Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
1SV267 Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 3 page 1SV267 Ordering number :EN4514A PIN Diode for VHF, UHF, AGC Applications SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Silicon Epitaxial Type 52098HA (KT)/42294YH (KOTO) BX-0222 No.4514-1/3 r e t e m a r a Pl o b m y Ss n o i t i d n o Cs g n i t a Rt i n U e g a t l o V e s r e v e RVR 0 5V t n e r r u C d r a w r o FIF 0 5A m n o i t a p i s s i D r e w o P e l b a w o ll AP 0 5 1W m e r u t a r e p m e T n o i t c n u Jj T 5 2 1 e r u t a r e p m e T e g a r o t Sg t s T 5 2 1 + o t 5 5 – Specifications Absolute Maximum Ratings at Ta = 25˚C Electrical Characteristics at Ta = 25˚C Note : The specifications shown above are for each individual diode. · Marking:KV Features · Series connection of 2 elements in a very small- sized package facilitates high-density mounting and permits 1SV267-applied equipment to be made smaller. · Small interterminal capacitance (C=0.23pF typ). · Small forward series resistance (rs=2.5 Ω typ). ˚C ˚C Electrical Connection 1:Anode 2:Cathode 3:Cathode, Anode SANYO:CP Package Dimensions unit:mm 1251A [1SV267] r e t e m a r a Pl o b m y Ss n o i t i d n o C s g n i t a R t i n U n i mp y tx a m e g a t l o V e s r e v e RVR IR A µ 0 1 =0 5V t n e r r u C e s r e v e RIR VR V 0 5 = 1 . 0A µ e g a t l o V d r a w r o F VF IF A m 0 5 =1 9 . 0V e c n a t i c a p a C l a n i m r e t r e t n IC VR z H M 1 = f , V 0 5 =3 2 . 0F p e c n a t s i s e R s e i r e Ss r IF z H M 0 0 1 = f , A m 5 =0 . 4 Ω IF z H M 0 0 1 = f , A m 0 1 =5 . 2 Ω 1:Anode 2:Cathode 3:Cathode, Anode (Top view) |
Similar Part No. - 1SV267 |
|
Similar Description - 1SV267 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |