Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0901522308 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0901522308
Description  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 8 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901522308 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0901522308 Datasheet HTML 1Page - Molex Electronics Ltd. 0901522308 Datasheet HTML 2Page - Molex Electronics Ltd. 0901522308 Datasheet HTML 3Page - Molex Electronics Ltd. 0901522308 Datasheet HTML 4Page - Molex Electronics Ltd. 0901522308 Datasheet HTML 5Page - Molex Electronics Ltd. 0901522308 Datasheet HTML 6Page - Molex Electronics Ltd. 0901522308 Datasheet HTML 7Page - Molex Electronics Ltd. 0901522308 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Grounding to PCB
No
Voltage - Maximum
350V AC/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90152
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0901522308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901522304 MOLEX10-0901522304 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 4 Circuits
0901522306 MOLEX10-0901522306 Datasheet
560Kb / 3P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 6 Circuits
More results

Similar Description - 0901522308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901522306 MOLEX10-0901522306 Datasheet
560Kb / 3P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 6 Circuits
0901522316 MOLEX10-0901522316 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 16 Circuits
0901522364 MOLEX10-0901522364 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 64 Circuits
0901522310 MOLEX10-0901522310 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 10 Circuits
0901522314 MOLEX10-0901522314 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 14 Circuits
0901522340 MOLEX10-0901522340 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 40 Circuits
0901522326 MOLEX10-0901522326 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 26 Circuits
0901522312 MOLEX10-0901522312 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 12 Circuits
0901522304 MOLEX10-0901522304 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 4 Circuits
0901522334 MOLEX10-0901522334 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 34 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com