Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV298 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 1SV298
Description  Type Attenuator Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV298 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  1SV298 Datasheet HTML 1Page - Sanyo Semicon Device 1SV298 Datasheet HTML 2Page - Sanyo Semicon Device 1SV298 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV298
Ordering number :EN5224A
π Type Attenuator Applications
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Epitaxial PIN Diode
52098HA (KT)/D2695GI/82595GI (KOTO) TA-0683, TA-0520 No.5224-1/3
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5V
t
n
e
r
r
u
C
d
r
a
w
r
o
FIF
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
AP
0
5
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Note : The specifications shown above are for each individual diode.
· Marking:QV
Features
· Composite type with 3 diodes contained in the CP
package currently in use, improving the mounting
efficiency greatly.
· Small interterminal capacitance (C=0.23pF typ).
· Small forward series resistance (rs=7.5
Ω typ).
˚C
˚C
Electrical Connection
1:Cathode, Cathode
2:Anode
3:Anode, Cathode
4:Anode
SANYO:CP4
Package Dimensions
unit:mm
1269
[1SV298]
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
1
=0
5V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
5
=
1
.
0A
µ
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF
IF
A
m
0
5
=5
7
9
.
05
1
.
1V
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
5
=3
2
.
0F
p
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Ss
r
IF
z
H
M
0
0
1
=
f
,
A
µ
0
1
=0
0
4
2
IF
z
H
M
0
0
1
=
f
,
A
m
0
1
=5
.
65
.
70
.
0
1
1:Cathode, Cathode
2:Anode
3:Anode, Cathode
4:Anode


Similar Part No. - 1SV298

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV298H SANYO-1SV298H Datasheet
23Kb / 3P
   Type Attenuator Applications
More results

Similar Description - 1SV298

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV298H SANYO-1SV298H Datasheet
23Kb / 3P
   Type Attenuator Applications
logo
Microsemi Corporation
UM4300 MICROSEMI-UM4300_06 Datasheet
397Kb / 14P
   FOR ATTENUATOR APPLICATIONS
logo
OPLINK Communications I...
MVOAT OPLINK-MVOAT Datasheet
202Kb / 2P
   Attenuator Through Type
PTFA-S0069 OPLINK-PTFA-S0069 Datasheet
172Kb / 2P
   Plug Type Fixed Attenuator
logo
Mini-Circuits
UNAT-5 MINI-UNAT-5 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-8 MINI-UNAT-8 Datasheet
153Kb / 1P
   N-Type Fixed Attenuator
UNAT-15 MINI-UNAT-15 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-7 MINI-UNAT-7 Datasheet
155Kb / 1P
   N-Type Fixed Attenuator
UNAT-30 MINI-UNAT-30 Datasheet
173Kb / 1P
   N-Type Fixed Attenuator
UNAT-10 MINI-UNAT-10 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com