Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV315 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 1SV315
Description  Variabe resistance Attenuator Use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV315 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  1SV315 Datasheet HTML 1Page - Sanyo Semicon Device 1SV315 Datasheet HTML 2Page - Sanyo Semicon Device 1SV315 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Epitaxial Pin Diode
Variabe resistance Attenuator Use
Ordering number:ENN6261
1SV315
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
73099GI (KT) No.6261–1/3
0.3
0.65 0.65
2.0
0.15
0 to 0.1
0.3
0.6
0.9
12
3
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1246A
[1SV315]
Features
· Ultrasmall-sized package facilitates high-density
mounting and permits 1SV315-applied equipment to
be made smaller.
· Small interterminal capacitance (C=0.23pF typ).
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Anode
2 : Cathode
3 : Cathode/Anode
SANYO : MCP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5V
t
n
e
r
r
u
C
d
r
a
w
r
o
FIF
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
AP
0
0
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
1
=0
5V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
5
=
1
.
0A
µ
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF
IF
A
m
0
5
=5
9
.
00
.
1V
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
5
=3
2
.
0F
p
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Ss
r
IF
z
H
M
0
0
1
=
f
,
A
µ
0
1
=0
0
4
2
IF
z
H
M
0
0
1
=
f
,
A
m
0
1
=
469
Note ) The specifications shown above are for each individual diode.
Marking : UV
1
Anode
2
Cathode
Cathode / Anode
3


Similar Part No. - 1SV315

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV315 SANYO-1SV315 Datasheet
376Kb / 6P
   Variabe resistance Attenuator Use
logo
ON Semiconductor
1SV315 ONSEMI-1SV315 Datasheet
268Kb / 6P
   PIN Diode
September, 2013
1SV315-TL-E ONSEMI-1SV315-TL-E Datasheet
268Kb / 6P
   PIN Diode
September, 2013
logo
Sanyo Semicon Device
1SV315 SANYO-1SV315_12 Datasheet
376Kb / 6P
   Variabe resistance Attenuator Use
More results

Similar Description - 1SV315

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV294 SANYO-1SV294 Datasheet
62Kb / 3P
   Variabe Resistance Attenuator Use
1SV316 SANYO-1SV316 Datasheet
30Kb / 3P
   Variabe resistance Attenuator Use
1SV315 SANYO-1SV315_12 Datasheet
376Kb / 6P
   Variabe resistance Attenuator Use
logo
Fuji Electric
EDS2-21C FUJI-EDS2-21C Datasheet
340Kb / 10P
   PLATINUM RESISTANCE BULB FOR GENERAL USE
logo
Murata Manufacturing Co...
DFE252012F MURATA-DFE252012F Datasheet
187Kb / 1P
   The use of Flat wire for Low DC resistance
DFE252012P MURATA-DFE252012P Datasheet
217Kb / 1P
   The use of Flat wire for Low DC resistance
logo
TOKO, Inc
DFE201210U TOKO-DFE201210U Datasheet
210Kb / 1P
   The use of Flat wire for Low DC resistance
DFE252010F TOKO-DFE252010F Datasheet
229Kb / 1P
   The use of Flat wire for Low DC resistance
logo
Murata Manufacturing Co...
DFE252012C MURATA-DFE252012C Datasheet
217Kb / 1P
   The use of Flat wire for Low DC resistance
DFE201610P MURATA-DFE201610P Datasheet
174Kb / 1P
   The use of Flat wire for Low DC resistance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com