Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0894858001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0894858001
Description  Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, 0.76關m (30關) Gold (Au) Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0894858001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0894858001 Datasheet HTML 1Page - Molex Electronics Ltd. 0894858001 Datasheet HTML 2Page - Molex Electronics Ltd. 0894858001 Datasheet HTML 3Page - Molex Electronics Ltd. 0894858001 Datasheet HTML 4Page - Molex Electronics Ltd. 0894858001 Datasheet HTML 5Page - Molex Electronics Ltd. 0894858001 Datasheet HTML 6Page - Molex Electronics Ltd. 0894858001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
750V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89485-002
Product Specification
PS-89485
Sales Drawing
SD-89485-003
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0894858001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894858001 MOLEX1-0894858001 Datasheet
34Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle
0894858001 MOLEX1-0894858001_18 Datasheet
34Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle
More results

Similar Description - 0894858001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894858201 MOLEX10-0894858201 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, 0.76關m (30關) Gold (Au) Plating
0894858101 MOLEX10-0894858101 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, 0.76關m (30關) Gold (Au) Plating
0894858003 MOLEX1-0894858003_18 Datasheet
34Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle, Terminal Length 2.50mm, Without Mylar, 0.76關m Gold (Au) Plating
0894858103 MOLEX10-0894858103 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), With Mylar, 0.76關m (30關) Gold (Au) Plating
0894858030 MOLEX10-0894858030 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash Plating
0894858200 MOLEX10-0894858200 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash
0894858000 MOLEX10-0894858000 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash, Tray Package
0894858100 MOLEX10-0894858100 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, Gold (Au) Flash, Tube Package
0894858202 MOLEX10-0894858202 Datasheet
165Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash
0894858012 MOLEX10-0894858012 Datasheet
112Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com