Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879813044 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0879813044
Description  2.00mm (.079) Pitch Milli-Grid??Header, Straddle Mount, Right Angle, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879813044 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0879813044 Datasheet HTML 1Page - Molex Electronics Ltd. 0879813044 Datasheet HTML 2Page - Molex Electronics Ltd. 0879813044 Datasheet HTML 3Page - Molex Electronics Ltd. 0879813044 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879813044
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Straddle Mount, Right Angle, Shrouded,
Lead-free, 44 Circuits, 0.38µm (15µ") Gold (Au) Plating, Center Polarization Slot,
without Cap, without PCB Locator, Metal Latch, Tube
Documents:
3D Model
Product Specification PS-87981-018 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87981
Application
Wire-to-Board
Comments
Contact Molex for application in automotive industry
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
44
Circuits (maximum)
44
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Center Slot
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Straddle Mount
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87981Series
Mates With
87985 Milli-Grid™ 2mm IDT Receptacle with
Metal Latch


Similar Part No. - 0879813044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879813050 MOLEX10-0879813050 Datasheet
185Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Straddle Mount, Right Angle, Shrouded, Lead-free, 50 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
More results

Similar Description - 0879813044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879813050 MOLEX10-0879813050 Datasheet
185Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Straddle Mount, Right Angle, Shrouded, Lead-free, 50 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314420 MOLEX10-0878314420 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314428 MOLEX10-0878314428 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314033 MOLEX10-0878314033 Datasheet
131Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Shrouded, Lead-free, 40 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314431 MOLEX10-0878314431 Datasheet
163Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Shrouded, Lead-free, 44 Circuits 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot, with Locking Windows
0879833044 MOLEX10-0879833044 Datasheet
213Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0879833144 MOLEX10-0879833144 Datasheet
212Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0879823044 MOLEX10-0879823044 Datasheet
130Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot, without Cap
0878313428 MOLEX10-0878313428 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878312828 MOLEX10-0878312828 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 28 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com