Electronic Components Datasheet Search |
|
0903253018 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0903253018 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0903253018 Status: Active Description: 1.27mm (.050") Pitch Picoflex® PF-50 Header, Vertical, Low Profile, with PCB Pegs, 18 Circuits Documents: 3D Model Product Specification PS-99020-0011 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 90325 Application Wire-to-Board Comments Low Profile Product Name Picoflex® Physical Breakaway No Circuits (Loaded) 18 Color - Resin Black Durability (mating cycles max) 100 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Resin Polyester Number of Rows 1 Orientation Vertical PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.050 In Pitch - Mating Interface (mm) 1.27 mm Plating min: Mating (µin) 30.4 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 120 Plating min: Termination (µm) 3 Polarized to Mating Part Yes Polarized to PCB Yes Shrouded No Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 1.2A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90325Series Mates With 90327 IDT Connector |
Similar Part No. - 0903253018 |
|
Similar Description - 0903253018 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |