Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87984-3040 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87984-3040
Description  2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Right Angle, Shrouded, Leadfree 40 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87984-3040 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87984-3040 Datasheet HTML 1Page - Molex Electronics Ltd. 87984-3040 Datasheet HTML 2Page - Molex Electronics Ltd. 87984-3040 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879843040
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Through Hole, Right Angle, Shrouded, Lead-
free, 40 Circuits, 0.38µm (15µ") Gold (Au) Plating, Center Polarization Slot, without
Cap, without PCB Locator, Metal Latch, Tube
Documents:
3D Model
Product Specification PS-87981-018 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87984
Application
Wire-to-Board
Comments
Contact Molex for application in automotive industry
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
40
Circuits (maximum)
40
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
76.4
Plating min: Termination (µm)
1.91
Polarized to Mating Part
Center Slot
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87984Series
Mates With
87369 Crimp Housing


Similar Part No. - 87984-3040

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8798 GILWAY-8798 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Intel Corporation
8798 INTEL-8798 Datasheet
955Kb / 18P
   COMMERCIAL/EXPRESS HMOS MICROCONTROLLER
logo
Christian Bürkert GmbH ...
8798 BURKERT-8798 Datasheet
2Mb / 30P
   Digital electropneumatic positioner SideControl
07.03.2024
8798 BURKERT-8798 Datasheet
2Mb / 31P
   Digital electropneumatic Process Controller SideControl
07.03.2024
8798 BURKERT-8798 Datasheet
2Mb / 29P
   Digital electropneumatic positioner SideControl BASIC
07.03.2024
More results

Similar Description - 87984-3040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878314028 MOLEX10-0878314028 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 40 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314020 MOLEX10-0878314020 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free 40 Circuits, 0.38關m (15關") Gold (Au) Plating, Center Polarization Slot
0878314033 MOLEX10-0878314033 Datasheet
131Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Shrouded, Lead-free, 40 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0879833044 MOLEX10-0879833044 Datasheet
213Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314010 MOLEX10-0878314010 Datasheet
197Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, 40 Circuits, 0.38關m (15關) Gold (Au) Plating, with Center Polarization Slot and Locking
0879833144 MOLEX10-0879833144 Datasheet
212Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878313428 MOLEX10-0878313428 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878312828 MOLEX10-0878312828 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 28 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878313828 MOLEX10-0878313828 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 38 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878313220 MOLEX10-0878313220 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 32 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com