Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90572-1202 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90572-1202
Description  2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 20 Circuits, 0.76 關m Gold (Au)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90572-1202 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90572-1202 Datasheet HTML 1Page - Molex Electronics Ltd. 90572-1202 Datasheet HTML 2Page - Molex Electronics Ltd. 90572-1202 Datasheet HTML 3Page - Molex Electronics Ltd. 90572-1202 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90572
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90572-1202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90572-1201 MOLEX10-90572-1201 Datasheet
227Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 20 Circuits, 0.1 關m Gold (Au)
90572-1209 MOLEX10-90572-1209 Datasheet
218Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 20 Circuits, Tin
More results

Similar Description - 90572-1202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905722202 MOLEX10-0905722202 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 20 Circuits, 0.76 關m Gold (Au)
0905722502 MOLEX10-0905722502 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 50 Circuits, 0.76 關m Gold (Au)
0905721502 MOLEX10-0905721502 Datasheet
227Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 50 Circuits, 0.76 關m Gold (Au)
0905711202 MOLEX10-0905711202 Datasheet
286Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 20 Circuits, 0.76 關m Gold (Au)
0905722342 MOLEX10-0905722342 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 34 Circuits, 0.76 關m Gold (Au)
0905721302 MOLEX10-0905721302 Datasheet
219Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 30 Circuits, 0.76 關m Gold (Au)
0905722162 MOLEX10-0905722162 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 16 Circuits, 0.76 關m Gold (Au)
0905722142 MOLEX10-0905722142 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 14 Circuits, 0.76 關m Gold (Au)
0905721342 MOLEX10-0905721342 Datasheet
219Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 34 Circuits, 0.76 關m Gold (Au)
0905721102 MOLEX10-0905721102 Datasheet
227Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, 0.76 關m Gold (Au)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com