Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87833-0419 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87833-0419
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 4 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87833-0419 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87833-0419 Datasheet HTML 1Page - Molex Electronics Ltd. 87833-0419 Datasheet HTML 2Page - Molex Electronics Ltd. 87833-0419 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878330419
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Right Angle, Fully Shrouded, Lead-free, 4
Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window, Center
Polarization Slot, Tube
Documents:
3D Model
Product Specification PS-87831-027 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87833
Application
Wire-to-Board
Comments
Contact Molex for application in automotive industry
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.085 In
PC Tail Length (mm)
2.16 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.88
Polarized to Mating Part
Side Slots (2)
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87833Series
Mates With
50394 Wire-to-Board Terminals. 51110
Wire-to-Board Crimp Housing. 87568 Wire-
to-Board IDT Housings. 79107 Board-to-
Board Top Entry Through Hole Receptacle.
79108 Board-to-Board FFC/FPC Top Entry
Through Hole Receptacle. L


Similar Part No. - 87833-0419

ManufacturerPart #DatasheetDescription
logo
MolexKits
87833-0420 MOLEXKITS-87833-0420 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
87833-0420 MOLEX10-87833-0420 Datasheet
272Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, without Locking Window
87833-0421 MOLEX10-87833-0421 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, without Locking Window
87833-0431 MOLEX10-87833-0431 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
87833-0432 MOLEX10-87833-0432 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Window
More results

Similar Description - 87833-0419

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878334819 MOLEX10-0878334819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 48 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878335019 MOLEX10-0878335019 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 50 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331019 MOLEX10-0878331019 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 10 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331819 MOLEX10-0878331819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 18 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331619 MOLEX10-0878331619 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 16 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878332819 MOLEX10-0878332819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 28 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878333419 MOLEX10-0878333419 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 34 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331219 MOLEX10-0878331219 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 12 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878330819 MOLEX10-0878330819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 8 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878334019 MOLEX10-0878334019 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 40 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com