Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879253000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0879253000
Description  6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??Pa-S Receptacle, Press-fit, Vertical, 0.76關m (30關) Gold (Au)Plating, 33 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879253000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0879253000 Datasheet HTML 1Page - Molex Electronics Ltd. 0879253000 Datasheet HTML 2Page - Molex Electronics Ltd. 0879253000 Datasheet HTML 3Page - Molex Electronics Ltd. 0879253000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
2.5A, 30A
Voltage - Maximum
50V DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-87631-018, AS-87633-007
Product Specification
PS-87633-006, PS-87925-006
Sales Drawing
SD-87925-001
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0879253000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879252000 MOLEX10-0879252000 Datasheet
225Kb / 4P
   5.08mm (.200) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??Pa-S Receptacle, Press-fit, Vertical, Power Alpha 24, Signal 10
More results

Similar Description - 0879253000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877102002 MOLEX9-0877102002 Datasheet
258Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus S-P(B) Receptacle, Press-fit, Vertical, 0.76關m (30關) Gold (Au) Plating, 30 Circuits
0877102012 MOLEX9-0877102012 Datasheet
258Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??S-P(B) Receptacle, Press-fit, Vertical, 0.76關m (30關") Gold (Au) Plating, 28 Circuits
0876802001 MOLEX9-0876802001 Datasheet
181Kb / 4P
   6.35mm (.250) Pitch, Power, EXTreme PowerPlus??All Power Receptacle, Press-fit, Vertical, 0.76關m (30關) Gold (Au), 2 Circuits, Tin
0876161001 MOLEX9-0876161001 Datasheet
239Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) MPS Receptacle, Through Hole, Right Angle, 0.76關m (30關) Gold (Au) Plating
0876972002 MOLEX9-0876972002 Datasheet
208Kb / 4P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0877003002 MOLEX9-0877003002 Datasheet
232Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0876972001 MOLEX9-0876972001 Datasheet
208Kb / 4P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0877343007 MOLEX9-0877343007 Datasheet
265Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??AC/DC Receptacle, P(A)AC-S-P(B)DC, Through Hole, Vertical, 0.76關m (30關) Gold (Au)
0877343002 MOLEX9-0877343002 Datasheet
265Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??AC/DC Receptacle, P(A)AC-S-P(B)DC, Through Hole, Vertical, 0.76關m (30關) Gold(Au)
0876951007 MOLEX9-0876951007 Datasheet
239Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) DPS Receptacle, Press-fit, Vertical
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com