Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878910601 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0878910601
Description  2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 0.025關m (1關) Gold (Au) Plating, Tray Packaging, Lead-free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878910601 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0878910601 Datasheet HTML 1Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 2Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 3Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 4Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 5Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 6Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 7Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 8Page - Molex Electronics Ltd. 0878910601 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image


Similar Part No. - 0878910601

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878910606 MOLEX10-0878910606 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results

Similar Description - 0878910601

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878910204 MOLEX10-0878910204 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 2 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0878910606 MOLEX10-0878910606 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910206 MOLEX10-0878910206 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 2 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray Packaging, Lead-free
0878910306 MOLEX10-0878910306 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 3 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878914006 MOLEX10-0878914006 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 40 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878914003 MOLEX10-0878914003 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 40 Circuits, 0.254關m (10關) Gold (Au) Selective Plating, Bag Packaging, Lead-free
0878910106 MOLEX10-0878910106 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Vertical, 1 Circuit, 2.50 關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878980364 MOLEX10-0878980364 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 3 Circuits, 0.38關m (15關) Gold (Au) Plating, Tray Packaging, without Cap, Lead-free
0878980305 MOLEX10-0878980305 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 3 Circuits, 0.75關m (30關) Gold (Au) Plating, Tray Packaging, without Cap, Lead-free
0877540552 MOLEX9-0877540552 Datasheet
194Kb / 4P
   2.00mm (.079) Pitch Header, Breakaway, Right Angle, Through Hole, Vertical, 5 Circuits, 0.38關m (15關) Gold (Au) Plating, Tray Packaging, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com