Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0901210123 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0901210123
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 3 Circuits, Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901210123 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0901210123 Datasheet HTML 1Page - Molex Electronics Ltd. 0901210123 Datasheet HTML 2Page - Molex Electronics Ltd. 0901210123 Datasheet HTML 3Page - Molex Electronics Ltd. 0901210123 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
230
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90121
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0901210123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901210123 MOLEX1-0901210123_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 3 Circuits, Tin (Sn) Plating
More results

Similar Description - 0901210123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901210123 MOLEX1-0901210123_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 3 Circuits, Tin (Sn) Plating
0901210142 MOLEX10-0901210142 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 22 Circuits, Tin (Sn) Plating
0901210143 MOLEX10-0901210143 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 23 Circuits, Tin (Sn) Plating
0901210153 MOLEX10-0901210153 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 33 Circuits, Tin (Sn) Plating
0901210125 MOLEX10-0901210125 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 5 Circuits, Tin (Sn) Plating
0901210140 MOLEX10-0901210140 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 20 Circuits, Tin (Sn) Plating
0901210159 MOLEX10-0901210159 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 39 Circuits, Tin (Sn) Plating
0901210126 MOLEX10-0901210126 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 6 Circuits, Tin (Sn) Plating
0901210160 MOLEX10-0901210160 Datasheet
150Kb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 40 Circuits, Tin (Sn) Plating
0901210129 MOLEX10-0901210129 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 9 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com