Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1469 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA1469
Description  60V/5A High-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1469 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1469 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1469 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1469 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1469 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - 2SA1469

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1469 ISC-2SA1469 Datasheet
152Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1469 SAVANTIC-2SA1469 Datasheet
253Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1469 JMNIC-2SA1469 Datasheet
254Kb / 4P
   Silicon PNP Power Transistors
2SA1469 JMNIC-2SA1469 Datasheet
254Kb / 4P
   Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
2SA1469 FOSHAN-2SA1469 Datasheet
973Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results

Similar Description - 2SA1469

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
   60V / 5A High-Speed Switching Applications
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
   60V/5A High-Speed Switching Applications
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
   High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
   High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
   High-speed Switching Transistor (-60V, -5A)
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
   For high speed switching (−60V, −5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
   High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952_09 Datasheet
164Kb / 3P
   High-speed Switching Transistor (-60V, -5A)
2SA1906 ROHM-2SA1906 Datasheet
57Kb / 1P
   For high speed switching (−60V, −5A
2SC5103 ROHM-2SC5103_09 Datasheet
170Kb / 4P
   High speed switching transistor (60V, 5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com