Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0894001610 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0894001610
Description  2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 16 Circuits, without Kinked PC Tail
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0894001610 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0894001610 Datasheet HTML 1Page - Molex Electronics Ltd. 0894001610 Datasheet HTML 2Page - Molex Electronics Ltd. 0894001610 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87369-0001
Sales Drawing
SD-89400-**1*
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0894001610

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894001620 MOLEX10-0894001620 Datasheet
114Kb / 3P
   2.00mm(.079) Pitch Wire-to-Board Header, Vertical, 16 Circuits, with Kinked PC Tail
More results

Similar Description - 0894001610

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894000410 MOLEX10-0894000410 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 4 Circuits, without Kinked PC Tail
0894001110 MOLEX10-0894001110 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 11 Circuits, without Kinked PC Tail
0894001210 MOLEX10-0894001210 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 12 Circuits, without Kinked PC Tail
0894001010 MOLEX10-0894001010 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 10 Circuits, without Kinked PC Tail
0894000810 MOLEX10-0894000810 Datasheet
110Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 8 Circuits, without Kinked PC Tail
0894000610 MOLEX10-0894000610 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 6 Circuits, without Kinked PC Tail
0894001510 MOLEX10-0894001510 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 15 Circuits, without Kinked PC Tail
0894000710 MOLEX10-0894000710 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 7 Circuits, without Kinked PC Tail
0894001310 MOLEX10-0894001310 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 13 Circuits, without Kinked PC Tail
0894000510 MOLEX10-0894000510 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 5 Circuits, without Kinked PC Tail
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com