Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88768-3520 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 88768-3520
Description  HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 3.0m (9.84) Length
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

88768-3520 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  88768-3520 Datasheet HTML 1Page - Molex Electronics Ltd. 88768-3520 Datasheet HTML 2Page - Molex Electronics Ltd. 88768-3520 Datasheet HTML 3Page - Molex Electronics Ltd. 88768-3520 Datasheet HTML 4Page - Molex Electronics Ltd. 88768-3520 Datasheet HTML 5Page - Molex Electronics Ltd. 88768-3520 Datasheet HTML 6Page - Molex Electronics Ltd. 88768-3520 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0887683520
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 3.0m (9.84' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-88768-001 (PDF)
General
Product Family
Cable Assemblies
Series
88768
Connector to Connector
HDMI*-to-DVI-Digital
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI*
Physical
Cable Length
3.0m (9.84' )
Circuits (Loaded)
19
Color - Resin
Black, Natural
Gender
Male-Male
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA), Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic, Low Density
Polyethylene, Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
10, 32
Plating min: Mating (µm)
0.25, 0.8
Plating min: Termination (µin)
150, 50.8
Plating min: Termination (µm)
1.27, 3.75
Single Ended
No
Termination Interface: Style
Solder or Weld, Through Hole
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
0.5A
Impedance
100 ohms
Shielded
Yes
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Product Specification
PS-88768-001
Sales Drawing
SD-88768-3520, SD-887683520, SD887683520
*High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88768Series
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 88768-3520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88768-3520 MOLEX-88768-3520 Datasheet
230Kb / 2P
   High Definition Multimedia Interface (HDMI) Connector System
88768-3520 MOLEX2-88768-3520 Datasheet
549Kb / 8P
   HDMI(M) TO DVI-D(M) CABLE ASSY
More results

Similar Description - 88768-3520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887683620 MOLEX10-0887683620 Datasheet
162Kb / 3P
   HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 3.0m (9.84) Length
0887689820 MOLEX10-0887689820 Datasheet
176Kb / 3P
   HDMI*-to-HDMI* Cable Assembly, 28 AWG, 3.0m (9.84) Length
0887689920 MOLEX10-0887689920 Datasheet
85Kb / 2P
   HDMI*-to-HDMI* Cable Assembly, 30 AWG, 3.0m (9.84) Length
0887689820 MOLEX1-0887689820_18 Datasheet
34Kb / 1P
   HDMI-to-HDMI Cable Assembly, 28 AWG, 3.0m Length
0887683530 MOLEX10-0887683530 Datasheet
838Kb / 13P
   HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 5.0m (16.40) Length
0887683500 MOLEX10-0887683500 Datasheet
415Kb / 8P
   HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 1.0m (3.28) Length
0887683510 MOLEX10-0887683510 Datasheet
414Kb / 7P
   HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 2.0m (6.56) Length
0887683600 MOLEX10-0887683600 Datasheet
278Kb / 6P
   HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 1.0m (3.28) Length
0887689830 MOLEX1-0887689830_18 Datasheet
34Kb / 1P
   HDMI-to-HDMI Cable Assembly, 28 AWG, 5.0m Length
0887689810 MOLEX1-0887689810_18 Datasheet
34Kb / 1P
   HDMI-to-HDMI Cable Assembly, 28 AWG, 2.0m Length
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com