Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0885235922 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0885235922
Description  SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 80.0m (262.40)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0885235922 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0885235922 Datasheet HTML 1Page - Molex Electronics Ltd. 0885235922 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0885235922

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885235920 MOLEX10-0885235920 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 76.0m (249.34)
0885235921 MOLEX10-0885235921 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 78.0m (255.91)
0885235923 MOLEX10-0885235923 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 84.0m (275.59)
0885235924 MOLEX10-0885235924 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 87.0m (285.43)
0885235925 MOLEX10-0885235925 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 90.0m (295.28)
More results

Similar Description - 0885235922

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885235924 MOLEX10-0885235924 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 87.0m (285.43)
0885235999 MOLEX10-0885235999 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 100.0m (328.08)
0885235949 MOLEX10-0885235949 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 50.0m (164.04)
0885235201 MOLEX10-0885235201 Datasheet
104Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235906 MOLEX10-0885235906 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 18.0m (59.05)
0885235908 MOLEX10-0885235908 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 52.0m (170.60)
0885235925 MOLEX10-0885235925 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 90.0m (295.28)
0885235921 MOLEX10-0885235921 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 78.0m (255.91)
0885235901 MOLEX10-0885235901 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235926 MOLEX10-0885235926 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 92.0m (301.84)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com