Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0894858100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0894858100
Description  Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, Gold (Au) Flash, Tube Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0894858100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0894858100 Datasheet HTML 1Page - Molex Electronics Ltd. 0894858100 Datasheet HTML 2Page - Molex Electronics Ltd. 0894858100 Datasheet HTML 3Page - Molex Electronics Ltd. 0894858100 Datasheet HTML 4Page - Molex Electronics Ltd. 0894858100 Datasheet HTML 5Page - Molex Electronics Ltd. 0894858100 Datasheet HTML 6Page - Molex Electronics Ltd. 0894858100 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0894858100
Status:
Active
Description:
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right
Angle, Terminal Length 2.00mm (.079"), With Mylar, Gold (Au) Flash, Tube Package,
Lead Free
Documents:
3D Model
Product Specification PS-89485 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
89485
Application
Wire-to-Board
Comments
With Mylar
Component Type
Receptacle
Product Name
USB
Type
A
Physical
Boot Color
N/A
Circuits (Loaded)
4
Circuits (maximum)
4
Flammability
94V-0
Gender
Male
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Upright
PC Tail Length (in)
0.079 In
PC Tail Length (mm)
2.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In, 0.098 In
Pitch - Mating Interface (mm)
2.00 mm, 2.50 mm
Pitch - Term. Interface (in)
0.055 In
Pitch - Term. Interface (mm)
1.40 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
125°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
89485Series
Mates With
88740 USB Type A Cable Plug


Similar Part No. - 0894858100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894858101 MOLEX10-0894858101 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, 0.76關m (30關) Gold (Au) Plating
0894858102 MOLEX10-0894858102 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), With Mylar, Gold (Au) Flash, Tube Package Lead Free
0894858103 MOLEX10-0894858103 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), With Mylar, 0.76關m (30關) Gold (Au) Plating
More results

Similar Description - 0894858100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894858200 MOLEX10-0894858200 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash
0894858000 MOLEX10-0894858000 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash, Tray Package
0894858030 MOLEX10-0894858030 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash Plating
0894858102 MOLEX10-0894858102 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), With Mylar, Gold (Au) Flash, Tube Package Lead Free
0894858000 MOLEX1-0894858000_18 Datasheet
34Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle, Terminal Length 2.00mm, Without Mylar, Gold (Au) Flash, Tray Package, Lead- Free
0894858202 MOLEX10-0894858202 Datasheet
165Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash
0894858012 MOLEX10-0894858012 Datasheet
112Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash
0894858030 MOLEX1-0894858030_18 Datasheet
33Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right-Angle, Terminal Length 2.00mm
0894858002 MOLEX10-0894858002 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash, Tray Package
0894858101 MOLEX10-0894858101 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, 0.76關m (30關) Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com