Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87792-1114 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 87792-1114
Description  2.00mm (.079) Pitch Board-to-Board Panel Detachable, PCB Header, Surface Mount, 14 Circuits, Gold (Au) Selective Plating, with Pick-and-Place Cap
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87792-1114 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  87792-1114 Datasheet HTML 1Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 2Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 3Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 4Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 5Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 6Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 7Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 8Page - Molex Electronics Ltd. 87792-1114 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image


Similar Part No. - 87792-1114

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87792-1116 MOLEX10-87792-1116 Datasheet
481Kb / 9P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable, PCB Header, Surface Mount, 16 Circuits, Gold (Au) Selective Plating, with Pick-and-Place Cap, Tube Packaging
More results

Similar Description - 87792-1114

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877922116 MOLEX10-0877922116 Datasheet
481Kb / 9P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable PCB Header, Surface Mount, 16 Circuits, Gold (Au) Selective Plating, with Pick-and-Place Cap
0877922120 MOLEX10-0877922120 Datasheet
481Kb / 9P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable PCB Header, Surface Mount, 20 Circuits, Gold (Au) Selective Plating, with Pick-and-Place Cap
0877921120 MOLEX10-0877921120 Datasheet
481Kb / 9P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable, PCB Header, Surface Mount, 20 Circuits, Gold (Au) Selective Plating, with Pick-and-Place Cap, Tube Packaging
0877921116 MOLEX10-0877921116 Datasheet
481Kb / 9P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable, PCB Header, Surface Mount, 16 Circuits, Gold (Au) Selective Plating, with Pick-and-Place Cap, Tube Packaging
0877910114 MOLEX10-0877910114 Datasheet
141Kb / 3P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable, PCB Receptacle, Surface Mount, 14 Circuits, Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877910116 MOLEX10-0877910116 Datasheet
141Kb / 3P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable, PCB Receptacle, Surface Mount, 16 Circuits, Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877910120 MOLEX10-0877910120 Datasheet
141Kb / 3P
   2.00mm (.079) Pitch Board-to-Board Panel Detachable, PCB Receptacle, Surface Mount, 20 Circuits, Gold (Au) Selective Plating, Tray Packaging, Lead-free
0878691401 MOLEX10-0878691401 Datasheet
241Kb / 4P
   1.60mm (.063) Pitch Board-to-Board Panel Detachable, PCB Header, Surface Mount, 14 Circuits, Gold (Au) Plating, Lublitation, Emboss TapedPackaging, Lead-free
0877593475 MOLEX10-0877593475 Datasheet
292Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 34 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Pick-and-Place Cap
0877594474 MOLEX10-0877594474 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 44 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with Pick-and-Place Cap
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com