Electronic Components Datasheet Search |
|
0900591020 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0900591020 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0900591020 Status: Active Overview: cgrid_iii|cgrid__sl_products Description: 2.54mm (.100") Pitch C-Grid® Micro Shunt, Low Profile, Black Housing Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Accessories Series 90059 Component Type Shunt Overview cgrid_iii|cgrid__sl_products Product Name C-Grid®, C-Grid III™, SL™ Physical Circuits (Loaded) 2 Circuits (maximum) 2 Color - Resin Black Gender Female Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Nickel Material - Resin Polyester Number of Rows 1 Packaging Type Bag Plating min: Mating (µin) 4 Plating min: Mating (µm) 0.1 Plating min: Termination (µin) 40 Plating min: Termination (µm) 1 Polarized to Mating Part Yes Temperature Range - Operating -65°C to +120°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 3A Material Info Reference - Drawing Numbers Sales Drawing SDA-90059 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90059Series Use With (0.64)/.025 square and round pins This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 0900591020 |
|
Similar Description - 0900591020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |