Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878332821 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0878332821
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 28 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878332821 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0878332821 Datasheet HTML 1Page - Molex Electronics Ltd. 0878332821 Datasheet HTML 2Page - Molex Electronics Ltd. 0878332821 Datasheet HTML 3Page - Molex Electronics Ltd. 0878332821 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878332821
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Right Angle, Shrouded, Lead-free, 28
Circuits, 0.76µm (30µ") Gold (Au) Plating, without PCB Locator, with Locking Windows,
Center Polarization Slot, Tube
Documents:
3D Model
Product Specification PS-87831-027 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87833
Application
Wire-to-Board
Comments
Contact Molex for application in automotive industry
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
28
Circuits (maximum)
28
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.085 In
PC Tail Length (mm)
2.16 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.88
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87833Series
Mates With
50394 Wire-to-Board Terminals. 51110
Wire-to-Board Crimp Housing. 87568 Wire-
to-Board IDT Housings. 79107 Board-to-
Board Top Entry Through Hole Receptacle.
79108 Board-to-Board FFC/FPC Top Entry
Through Hole Receptacle. L


Similar Part No. - 0878332821

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878332820 MOLEX10-0878332820 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 28 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Windows
More results

Similar Description - 0878332821

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878333021 MOLEX10-0878333021 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 30 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878332621 MOLEX10-0878332621 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 26 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878332221 MOLEX10-0878332221 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 22 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878333221 MOLEX10-0878333221 Datasheet
307Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 32 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878334621 MOLEX10-0878334621 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 46 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878333421 MOLEX10-0878333421 Datasheet
307Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 34 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878334821 MOLEX10-0878334821 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 48 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878331421 MOLEX10-0878331421 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 14 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878333821 MOLEX10-0878333821 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 38 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
0878332021 MOLEX10-0878332021 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 20 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Windows
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com