Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0901361301 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0901361301
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 1 Circuit, 0.76關m (30關) Gold (Au) Selective Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901361301 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0901361301 Datasheet HTML 1Page - Molex Electronics Ltd. 0901361301 Datasheet HTML 2Page - Molex Electronics Ltd. 0901361301 Datasheet HTML 3Page - Molex Electronics Ltd. 0901361301 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V AC/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-90136-001
Product Specification
PS-99020-0001
Sales Drawing
SDA-90136
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0901361301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901361302 MOLEX10-0901361302 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361302 MOLEX1-0901361302_17 Datasheet
29Kb / 2P
   C-Grid III Header, Single Row, Vertical, Shrouded, 2 Circuits, 0.76關m Gold (Au) Selective Plating
0901361303 MOLEX10-0901361303 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361303 MOLEX1-0901361303_17 Datasheet
29Kb / 2P
   C-Grid III Header, Single Row, Vertical, Shrouded, 3 Circuits, 0.76關m Gold (Au) Selective Plating
0901361304 MOLEX10-0901361304 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 0901361301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901361330 MOLEX10-0901361330 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200921 MOLEX10-0901200921 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 1 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361332 MOLEX10-0901361332 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 32 Circuits 0.76關m (30關) Gold (Au) Selective Plating
0901361303 MOLEX10-0901361303 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361306 MOLEX10-0901361306 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 6 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361305 MOLEX10-0901361305 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361325 MOLEX10-0901361325 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 25 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361309 MOLEX10-0901361309 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 9 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361302 MOLEX10-0901361302 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361304 MOLEX10-0901361304 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com