Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878311035 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0878311035
Description  2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 10 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878311035 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0878311035 Datasheet HTML 1Page - Molex Electronics Ltd. 0878311035 Datasheet HTML 2Page - Molex Electronics Ltd. 0878311035 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87831-027
Sales Drawing
SD-87831-016
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0878311035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878311031 MOLEX10-0878311031 Datasheet
162Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot, without Locking Window
0878311031 MOLEX1-0878311031_17 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Header, Vertical, Through Hole, Shrouded, 10 Circuits
More results

Similar Description - 0878311035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878313435 MOLEX10-0878313435 Datasheet
146Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878314435 MOLEX10-0878314435 Datasheet
147Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free 44 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878311435 MOLEX10-0878311435 Datasheet
147Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 14 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878312035 MOLEX10-0878312035 Datasheet
147Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free 20 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878312435 MOLEX10-0878312435 Datasheet
146Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 24 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878311635 MOLEX10-0878311635 Datasheet
147Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 16 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878313035 MOLEX10-0878313035 Datasheet
147Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 30 Circuits, 0.76關m (15關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878315035 MOLEX10-0878315035 Datasheet
147Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 50 Circuits, 0.76關m (30關) Gold (Au) Plating, PCB Locator, Center Polarization Slot
0878311029 MOLEX10-0878311029 Datasheet
205Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 10 Circuits, 0.76關m (30關) Gold (Au) Plating, Center Polarization Slot
0878311021 MOLEX10-0878311021 Datasheet
234Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 10 Circuits, 0.76關m (30關) Gold (Au) Plating, Center Polarization Slot
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com