Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87797-0040 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 87797-0040
Description  2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row Dual Body, Vertical, 40 Circuits, 2.54關m (100關) Tin (Sn) Plating, 14.22mm (.560) Stacking Height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87797-0040 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  87797-0040 Datasheet HTML 1Page - Molex Electronics Ltd. 87797-0040 Datasheet HTML 2Page - Molex Electronics Ltd. 87797-0040 Datasheet HTML 3Page - Molex Electronics Ltd. 87797-0040 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 87797-0040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87797-0010 MOLEX10-87797-0010 Datasheet
125Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row Dual Body, Vertical, 34 Circuits, Tin (Sn) Overall Plating, 15.10mm (.594) Stacking Height, Tray Packaging
More results

Similar Description - 87797-0040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879140807 MOLEX10-0879140807 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 8 Circuits, 2.54關m (100關) Tin (Sn) Overall Plating, Tray Packaging
0879140806 MOLEX10-0879140806 Datasheet
770Kb / 11P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 8 Circuits, 2.54關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879370800 MOLEX10-0879370800 Datasheet
194Kb / 4P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 8 Circuits, 2.50關m (100關) Tin (Sn) Plating, 12.00mm (.472) Stacking Height
0879371206 MOLEX10-0879371206 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 12 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879370106 MOLEX10-0879370106 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 1 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879370802 MOLEX10-0879370802 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 8 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879370406 MOLEX10-0879370406 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 4 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879370502 MOLEX10-0879370502 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 5 Circuits, 2.50關m (100關") Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0877970602 MOLEX10-0877970602 Datasheet
260Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row Dual Body, Vertical, 6 Circuits, 0.76關m (30關) Gold (Au) Plating, 25.60mm (1.043) Stacking Height
0877971200 MOLEX10-0877971200 Datasheet
260Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row Dual Body, Vertical, 12 Circuits, 0.76關m (30關) Gold (Au) Plating, 8.00mm (.315) Stacking Height
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com