Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0885279310 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0885279310
Description  ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0885279310 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0885279310 Datasheet HTML 1Page - Molex Electronics Ltd. 0885279310 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0885279310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885279300 MOLEX10-0885279300 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885279301 MOLEX10-0885279301 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885279302 MOLEX10-0885279302 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 8.0m (26.25)
0885279303 MOLEX10-0885279303 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 9.0m (29.53)
0885279304 MOLEX10-0885279304 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 0885279310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885235404 MOLEX10-0885235404 Datasheet
92Kb / 2P
   ST-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885279300 MOLEX10-0885279300 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885279303 MOLEX10-0885279303 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 9.0m (29.53)
0885279305 MOLEX10-0885279305 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 12.0m (39.37)
0885279309 MOLEX10-0885279309 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885279304 MOLEX10-0885279304 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885279306 MOLEX10-0885279306 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 13.0m (42.65)
0885279302 MOLEX10-0885279302 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 8.0m (26.25)
0885279307 MOLEX10-0885279307 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885279308 MOLEX10-0885279308 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 18.0m (59.05)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com