Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0901301234 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0901301234
Description  2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 34 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901301234 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0901301234 Datasheet HTML 1Page - Molex Electronics Ltd. 0901301234 Datasheet HTML 2Page - Molex Electronics Ltd. 0901301234 Datasheet HTML 3Page - Molex Electronics Ltd. 0901301234 Datasheet HTML 4Page - Molex Electronics Ltd. 0901301234 Datasheet HTML 5Page - Molex Electronics Ltd. 0901301234 Datasheet HTML 6Page - Molex Electronics Ltd. 0901301234 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-90130-001, PK-91814-005
Sales Drawing
SDA-90130
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0901301234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901301234 MOLEX1-0901301234_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 34 Circuits, Black
More results

Similar Description - 0901301234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901303234 MOLEX10-0901303234 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 34 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901301254 MOLEX10-0901301254 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 54 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301250 MOLEX10-0901301250 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 50 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301230 MOLEX10-0901301230 Datasheet
1Mb / 12P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 30 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301220 MOLEX10-0901301220 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 20 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301210 MOLEX10-0901301210 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 10 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301226 MOLEX10-0901301226 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 26 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301214 MOLEX10-0901301214 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301216 MOLEX10-0901301216 Datasheet
596Kb / 7P
   2.54mm (.100") Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 16 Circuits, Black, 0.38關m (15關") Gold (Au) Selective Plating
0901301206 MOLEX10-0901301206 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 6 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com