Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0894001220 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0894001220
Description  2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 12 Circuits, with Kinked PC Tail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0894001220 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0894001220 Datasheet HTML 1Page - Molex Electronics Ltd. 0894001220 Datasheet HTML 2Page - Molex Electronics Ltd. 0894001220 Datasheet HTML 3Page - Molex Electronics Ltd. 0894001220 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87369-0002, RPS-87369-001
Sales Drawing
SD-89400-**2*
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0894001220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894001210 MOLEX10-0894001210 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 12 Circuits, without Kinked PC Tail
More results

Similar Description - 0894001220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0894001210 MOLEX10-0894001210 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 12 Circuits, without Kinked PC Tail
0894000920 MOLEX10-0894000920 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 9 Circuits, with Kinked PC Tail
0894001420 MOLEX10-0894001420 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 14 Circuits, with Kinked PC Tail
0894001320 MOLEX10-0894001320 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 13 Circuits, with Kinked PC Tail
0894000220 MOLEX10-0894000220 Datasheet
109Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 2 Circuits, with Kinked PC Tail
0894000820 MOLEX10-0894000820 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 8 Circuits, with Kinked PC Tail
0894001020 MOLEX10-0894001020 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 10 Circuits, with Kinked PC Tail
0894001520 MOLEX10-0894001520 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 15 Circuits, with Kinked PC Tail
0894001120 MOLEX10-0894001120 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 11 Circuits, with Kinked PC Tail
0894000320 MOLEX10-0894000320 Datasheet
172Kb / 3P
   2.00mm (.079) Pitch Wire-to-Board Header, Vertical, 3 Circuits, with Kinked PC Tail
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com