Electronic Components Datasheet Search |
|
90136-1216 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
90136-1216 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0901361216 Status: Active Overview: cgrid_iii Description: 2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Vertical, Shrouded, 16 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating Documents: 3D Model Product Specification PS-99020-0001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 90136 Application Wire-to-Board Overview cgrid_iii Product Name C-Grid III™ Physical Breakaway No Circuits (Loaded) 16 Circuits (maximum) 16 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.114 In PC Tail Length (mm) 2.90 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.063 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Plating min: Mating (µin) 15.2 Plating min: Mating (µm) 0.38 Plating min: Termination (µin) 120 Plating min: Termination (µm) 3 Polarized to Mating Part No Polarized to PCB No Shrouded Closed Ends Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -55°C to +125°C Termination Interface: Style Through Hole Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90136Series Mates With 90123 C-Grid III™ Modular Crimp Housing. 90156 C-Grid III™ Crimp Housing |
Similar Part No. - 90136-1216 |
|
Similar Description - 90136-1216 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |