Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878712217 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0878712217
Description  1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 17 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878712217 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0878712217 Datasheet HTML 1Page - Molex Electronics Ltd. 0878712217 Datasheet HTML 2Page - Molex Electronics Ltd. 0878712217 Datasheet HTML 3Page - Molex Electronics Ltd. 0878712217 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878712217
Status:
Active
Description:
1.25mm (.049") Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with
Kinked PC Tails, 17 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
Documents:
3D Model
Product Specification PS-87871-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
87871
Application
Board-to-Board
Comments
ZIGZAG
Product Name
N/A
Physical
Circuits (Loaded)
17
Color - Resin
Natural
Durability (mating cycles max)
10
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.154 In
Mated Height (mm)
3.90 mm
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3.00
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3.00
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Kinked Pin
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87871Series
Mates With
87872-1117


Similar Part No. - 0878712217

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878712211 MOLEX10-0878712211 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 11 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712213 MOLEX10-0878712213 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 13 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712215 MOLEX10-0878712215 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 15 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712219 MOLEX10-0878712219 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 19 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
More results

Similar Description - 0878712217

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878721117 MOLEX10-0878721117 Datasheet
94Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 17 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712317 MOLEX10-0878712317 Datasheet
107Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole with Kinked PC Tails, 17 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712221 MOLEX10-0878712221 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 21 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712219 MOLEX10-0878712219 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 19 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712207 MOLEX10-0878712207 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 7 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712215 MOLEX10-0878712215 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 15 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712205 MOLEX10-0878712205 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 5 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712223 MOLEX10-0878712223 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 23 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712203 MOLEX10-0878712203 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 3 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878712209 MOLEX10-0878712209 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 9 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com