Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0903257016 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0903257016
Description  1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 16 Circuits, Tube Packaging
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0903257016 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0903257016 Datasheet HTML 1Page - Molex Electronics Ltd. 0903257016 Datasheet HTML 2Page - Molex Electronics Ltd. 0903257016 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SDA-90325
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0903257016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0903257010 MOLEX10-0903257010 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 10 Circuits, Tube Packaging
0903257012 MOLEX10-0903257012 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 12 Circuits, Tube Packaging
0903257014 MOLEX10-0903257014 Datasheet
131Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 14 Circuits, Tube Packaging
0903257018 MOLEX10-0903257018 Datasheet
131Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 18 Circuits, Tube Packaging
More results

Similar Description - 0903257016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0903257008 MOLEX10-0903257008 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 8 Circuits, Tube Packaging
0903257004 MOLEX10-0903257004 Datasheet
131Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 4 Circuits, Tube Packaging
0903257012 MOLEX10-0903257012 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 12 Circuits, Tube Packaging
0903257010 MOLEX10-0903257010 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 10 Circuits, Tube Packaging
0903257014 MOLEX10-0903257014 Datasheet
131Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 14 Circuits, Tube Packaging
0903257020 MOLEX10-0903257020 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 20 Circuits, Tube Packaging
0903257006 MOLEX10-0903257006 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 6 Circuits, Tube Packaging
0903257026 MOLEX10-0903257026 Datasheet
131Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 26 Circuits, Tube Packaging
0903257018 MOLEX10-0903257018 Datasheet
131Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 18 Circuits, Tube Packaging
0903253016 MOLEX10-0903253016 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 16 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com