Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87919-1001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87919-1001
Description  1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Natural Latches, 240 Circuits, 1.8V Voltage Key, 4.00mm (.157) Tail Length
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87919-1001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87919-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 87919-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 87919-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 87919-1001 Datasheet HTML 4Page - Molex Electronics Ltd. 87919-1001 Datasheet HTML 5Page - Molex Electronics Ltd. 87919-1001 Datasheet HTML 6Page - Molex Electronics Ltd. 87919-1001 Datasheet HTML 7Page - Molex Electronics Ltd. 87919-1001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879191001
Status:
Active
Description:
1.00mm (.039") Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole,
Natural Latches, 240 Circuits, 1.8V Voltage Key, 4.00mm (.157") Tail Length, 0.76µm
(30µ") Gold (Au) Plating, Lead-free
Documents:
3D Model
Product Specification PS-87919-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
87919
Comments
<LI>Latches in Off-White Color
Component Type
Socket
JEDEC Outline
MO-237
Product Name
DDR2 DIMM
Physical
Circuits (Loaded)
240
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
25° Angle
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.157 In
PC Tail Length (mm)
4.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.125 In
PCB Thickness Recommended (mm)
3.18 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
30V
Voltage Key
1.8V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87919-006
Sales Drawing
SD-87919-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87919Series
Mates With
JEDEC standard 1.27mm modules
This document was generated on 04/13/2010


Similar Part No. - 87919-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87919-0001 MOLEX10-87919-0001 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
87919-0011 MOLEX10-87919-0011 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
87919-0101 MOLEX10-87919-0101 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
87919-0111 MOLEX10-87919-0111 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Natural Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
87919-0333 MOLEX10-87919-0333 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Black Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
More results

Similar Description - 87919-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879190111 MOLEX10-0879190111 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Natural Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
0879190333 MOLEX10-0879190333 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Black Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
0879190001 MOLEX10-0879190001 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
0879190011 MOLEX10-0879190011 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
0879190101 MOLEX10-0879190101 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
0879160111 MOLEX10-0879160111 Datasheet
318Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating, 4.00mm (.157) Tail Length
0878030122 MOLEX10-0878030122 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 2.79mm (.110) Tail Length, 0.76關m
0878030002 MOLEX11-0878030002 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage
0879190333 MOLEX11-0879190333 Datasheet
30Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole
0879191001 MOLEX11-0879191001 Datasheet
30Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com