Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87872-1117 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87872-1117
Description  1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 17 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87872-1117 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87872-1117 Datasheet HTML 1Page - Molex Electronics Ltd. 87872-1117 Datasheet HTML 2Page - Molex Electronics Ltd. 87872-1117 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878721117
Status:
Active
Overview:
KK®
Description:
1.25mm (.049") Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked
PC Tails, 17 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
87872
Application
Board-to-Board
Comments
ZIGZAG
Overview
KK®
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
17
Circuits (maximum)
17
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.274 In
Mated Height (mm)
6.95 mm
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Plating min: Mating (µin)
120.00
Plating min: Mating (µm)
3.000
Plating min: Termination (µin)
120.00
Plating min: Termination (µm)
3.00
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87872Series
Mates With
878712221 Board-to-Board Receptacle


Similar Part No. - 87872-1117

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87872-1111 MOLEX10-87872-1111 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 11 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
87872-1113 MOLEX10-87872-1113 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 13 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
87872-1115 MOLEX10-87872-1115 Datasheet
94Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 15 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
87872-1119 MOLEX10-87872-1119 Datasheet
94Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 19 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
More results

Similar Description - 87872-1117

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878712217 MOLEX10-0878712217 Datasheet
234Kb / 4P
   1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 17 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721111 MOLEX10-0878721111 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 11 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721113 MOLEX10-0878721113 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 13 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721107 MOLEX10-0878721107 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 7 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721121 MOLEX10-0878721121 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 21 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721103 MOLEX10-0878721103 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 3 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721115 MOLEX10-0878721115 Datasheet
94Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 15 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721109 MOLEX10-0878721109 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 9 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721119 MOLEX10-0878721119 Datasheet
94Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 19 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0878721123 MOLEX10-0878721123 Datasheet
95Kb / 3P
   1.25mm (.049) Pitch Board-to-Board Header, Through Hole, Friction Lock, with Kinked PC Tails, 23 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com