Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90075-0027 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90075-0027
Description  Modular Plug, Short Body, 4/4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90075-0027 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90075-0027 Datasheet HTML 1Page - Molex Electronics Ltd. 90075-0027 Datasheet HTML 2Page - Molex Electronics Ltd. 90075-0027 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0900750027
Status:
Active
Description:
Modular Plug, Short Body, 4/4
Documents:
3D Model
Product Specification PS-90075 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
90075
Component Type
Wire Plug
Magnetic
No
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
N/A
Physical
Boot Color
N/A
Color - Resin
Clear
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
N/A
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polycarbonate
Orientation
N/A
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.040 In
Pitch - Term. Interface (mm)
1.02 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Ports
1
Positions / Loaded Contacts
4/4
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +60°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Wire/Cable Type
Flat Oval
Electrical
Current - Maximum per Contact
1.5A
Grounding to Panel
N/A
Shielded
No
Voltage - Maximum
125V DC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90075Series
Mates With
FCC 68 Jacks...
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
IDT - Manual Press 0011201273
Parallel Action
Handtool for 90075
Modular Plug, FCC
68, 4/4 Circuit, Short
Body
0690081120


Similar Part No. - 90075-0027

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90075-0031 MOLEX10-90075-0031 Datasheet
107Kb / 3P
   Modular Plug, Short Body, 6/6
More results

Similar Description - 90075-0027

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0900750027 MOLEX1-0900750027_18 Datasheet
32Kb / 2P
   Modular Plug, Short Body, 4/4
0900750035 MOLEX1-0900750035_18 Datasheet
33Kb / 2P
   Modular Plug, Short Body, 6/4
0900750035 MOLEX10-0900750035 Datasheet
106Kb / 3P
   Modular Plug, Short Body, 6/4
0690081120 MOLEX11-0690081120 Datasheet
38Kb / 1P
   Parallel Action Handtool for Modular Plug, FCC 68, 4/4 Circuit, Short Body
0690081125 MOLEX-0690081125 Datasheet
36Kb / 1P
   Die Set for 690081120, Modular Plug, FCC 68, 4/4 Circuit, Short Body
11/02/2021
0690081125 MOLEX11-0690081125 Datasheet
40Kb / 1P
   Die Set for 690081120, Modular Plug, FCC 68, 4/4 Circuit, Short Body
0690081120 MOLEX-0690081120 Datasheet
31Kb / 1P
   Parallel Action Handtool for Modular Plug, FCC 68, 4/4 Circuit, Short Body
11/02/2021
69008-1125 MOLEX11-69008-1125 Datasheet
39Kb / 1P
   Die Set for 690081120, Modular Plug, FCC 68, 4/4 Circuit, Short Body
69008-1120 MOLEX11-69008-1120 Datasheet
38Kb / 1P
   Parallel Action Handtool for Modular Plug, FCC 68, 4/4 Circuit, Short Body
0690081121 MOLEX-0690081121 Datasheet
31Kb / 1P
   Parallel Action Handtool for Modular Plug, 6/4 Circuit, Short Body
11/02/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com