Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87834-4095 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87834-4095
Description  2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.05關m (2關) Gold (Au) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87834-4095 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87834-4095 Datasheet HTML 1Page - Molex Electronics Ltd. 87834-4095 Datasheet HTML 2Page - Molex Electronics Ltd. 87834-4095 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87835-001
Product Specification
PS-70246-100
Sales Drawing
SD-87834-026
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87834-4095

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87834-4092 MOLEX10-87834-4092 Datasheet
111Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 40 Circuits, 0.13關m (5關) Gold (Au) Plating, End Windows
87834-4093 MOLEX10-87834-4093 Datasheet
111Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 40 Circuits, 0.76關m (30關) Gold (Au) Plating, End Windows
More results

Similar Description - 87834-4095

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878342695 MOLEX10-0878342695 Datasheet
127Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.05關m (2關) Gold (Au) Plating
0878341695 MOLEX10-0878341695 Datasheet
127Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.05關m (2關) Gold (Au) Plating
0878345095 MOLEX10-0878345095 Datasheet
127Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.05關m (2關) Gold (Au) Plating
0878343495 MOLEX10-0878343495 Datasheet
127Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.05關m (2關) Gold (Au) Plating
0878341095 MOLEX10-0878341095 Datasheet
127Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.05關m (2關) Gold (Au) Plating
0878340841 MOLEX10-0878340841 Datasheet
123Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.13關m (5關) Gold (Au) Flash Plating
0878343041 MOLEX10-0878343041 Datasheet
125Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.13關m (5關) Gold (Au) Flash Plating
0878342041 MOLEX10-0878342041 Datasheet
125Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.13關m (5關) Gold (Au) Flash Plating
0878342441 MOLEX10-0878342441 Datasheet
132Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.13關m (5關) Gold (Au) Flash Plating
0878346041 MOLEX10-0878346041 Datasheet
124Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, 0.13關m (5關) Gold (Au) Flash Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com