Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0885261201 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0885261201
Description  ST/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0885261201 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0885261201 Datasheet HTML 1Page - Molex Electronics Ltd. 0885261201 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0885261201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885261200 MOLEX10-0885261200 Datasheet
78Kb / 2P
   ST/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885261202 MOLEX10-0885261202 Datasheet
78Kb / 2P
   ST/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885261203 MOLEX10-0885261203 Datasheet
78Kb / 2P
   ST/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885261204 MOLEX10-0885261204 Datasheet
78Kb / 2P
   ST/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 0885261201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885231301 MOLEX10-0885231301 Datasheet
81Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885230701 MOLEX10-0885230701 Datasheet
76Kb / 2P
   FC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885274101 MOLEX10-0885274101 Datasheet
77Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885279701 MOLEX10-0885279701 Datasheet
77Kb / 2P
   LC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885276901 MOLEX10-0885276901 Datasheet
77Kb / 2P
   SC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885231201 MOLEX10-0885231201 Datasheet
88Kb / 2P
   SC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885231101 MOLEX10-0885231101 Datasheet
81Kb / 2P
   FC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885231001 MOLEX10-0885231001 Datasheet
77Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885231701 MOLEX10-0885231701 Datasheet
79Kb / 2P
   FC-to-ST, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 2.0m (6.56&039)
0885261202 MOLEX10-0885261202 Datasheet
78Kb / 2P
   ST/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com