Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87894-1000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87894-1000
Description  5.08mm (.200) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??SP(B) Receptacle, Press-fit, Vertical, 34 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87894-1000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87894-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 87894-1000 Datasheet HTML 2Page - Molex Electronics Ltd. 87894-1000 Datasheet HTML 3Page - Molex Electronics Ltd. 87894-1000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-87631-018, AS-87633-007
Product Specification
PS-87633-006
Sales Drawing
SD-87894-001
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87894-1000

ManufacturerPart #DatasheetDescription
logo
FCI connector
87894-XYY FCI-CONNECTOR-87894-XYY Datasheet
659Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
87894-XYY FCI-CONNECTOR-87894-XYY Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
More results

Similar Description - 87894-1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879252000 MOLEX10-0879252000 Datasheet
225Kb / 4P
   5.08mm (.200) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??Pa-S Receptacle, Press-fit, Vertical, Power Alpha 24, Signal 10
0878072011 MOLEX10-0878072011 Datasheet
305Kb / 5P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??SP(B) Header, Through Hole, Right Angle, Beveled Metal Pins, 34 Circuits
0878763001 MOLEX10-0878763001 Datasheet
212Kb / 4P
   5.08mm (.200) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 36 Circuits, Power Beta 4, Signal 28
0876951007 MOLEX9-0876951007 Datasheet
239Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) DPS Receptacle, Press-fit, Vertical
0878072006 MOLEX10-0878072006 Datasheet
306Kb / 5P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??SP (B) Header, Through Hole, Right Angle, Screw Mount, 30 Circuits
0878072007 MOLEX10-0878072007 Datasheet
306Kb / 5P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??SP(B) Header, Through Hole, Right Angle, Screw Mount, 30 Circuits
0876331021 MOLEX9-0876331021 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 45 Circuits, Power Beta 6, Signal 32
0876331024 MOLEX9-0876331024 Datasheet
402Kb / 6P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PS- P Receptacle, Press-fit, Vertical, 28 Circuits, Power Beta 2, Signal 24
0876331004 MOLEX9-0876331004 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 30 Circuits, Power Beta 2, Signal 24
0876331002 MOLEX9-0876331002 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS P Receptacle, Press-fit, Vertical, 32 Circuits, Power Beta 4, Signal 24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com