Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879780021 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0879780021
Description  1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 2.67mm (.105) Tail
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879780021 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0879780021 Datasheet HTML 1Page - Molex Electronics Ltd. 0879780021 Datasheet HTML 2Page - Molex Electronics Ltd. 0879780021 Datasheet HTML 3Page - Molex Electronics Ltd. 0879780021 Datasheet HTML 4Page - Molex Electronics Ltd. 0879780021 Datasheet HTML 5Page - Molex Electronics Ltd. 0879780021 Datasheet HTML 6Page - Molex Electronics Ltd. 0879780021 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


Similar Part No. - 0879780021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879780021 MOLEX11-0879780021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
More results

Similar Description - 0879780021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879780051 MOLEX10-0879780051 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 2.67mm (.105) Tail Length
0879780031 MOLEX10-0879780031 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 2.67mm (.105) Tail Length
0879781051 MOLEX10-0879781051 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key
0879781021 MOLEX10-0879781021 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key
0879781031 MOLEX10-0879781031 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 3.18mm (.125) Tail
0877050051 MOLEX9-0877050051 Datasheet
467Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 2.67mm (.105") Tail Length, Beige Latches
0877050021 MOLEX9-0877050021 Datasheet
467Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 2.67mm (.105") Tail Length, Beige Latches
0877059101 MOLEX9-0877059101 Datasheet
467Kb / 8P
   1.00mm (.039) Pitch DDR-II DIMM Socket, Vertical, Center Keys, 2.67mm (.105) Tail Length, Black Latches, 0.38關m (15關) Gold (Au) Plating, with Beveled Metal Pins
0879780021 MOLEX11-0879780021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
0879781021 MOLEX11-0879781021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com