Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0901361207 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0901361207
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 7 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901361207 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0901361207 Datasheet HTML 1Page - Molex Electronics Ltd. 0901361207 Datasheet HTML 2Page - Molex Electronics Ltd. 0901361207 Datasheet HTML 3Page - Molex Electronics Ltd. 0901361207 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901361207
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Vertical, Shrouded, 7 Circuits,
0.38µm (15µ") Gold (Au) Selective Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90136
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90136Series
Mates With
90123 C-Grid III™ Modular Crimp Housing.
90156 C-Grid III™ Crimp Housing


Similar Part No. - 0901361207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901361207 MOLEX1-0901361207_17 Datasheet
29Kb / 2P
   C-Grid III Header, Single Row, Vertical, Shrouded, 7 Circuits, 0.38關m Gold (Au) Selective Plating
More results

Similar Description - 0901361207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901361215 MOLEX10-0901361215 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 15 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901200767 MOLEX10-0901200767 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 7 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361220 MOLEX10-0901361220 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 20 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361230 MOLEX10-0901361230 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361209 MOLEX10-0901361209 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 9 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361216 MOLEX10-0901361216 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 16 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361204 MOLEX10-0901361204 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 4 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361225 MOLEX10-0901361225 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 25 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361206 MOLEX10-0901361206 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 6 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901361202 MOLEX10-0901361202 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 2 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com