Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885237003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 885237003
Description  SC/APC-to-Pigtail, Waterproof, 4F, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885237003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  885237003 Datasheet HTML 1Page - Molex Electronics Ltd. 885237003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885237003
Status:
Active
Overview:
fiber_optic_product_families
Description:
SC/APC-to-Pigtail, Waterproof, 4F, Singlemode, 9/125µm/G652, Simplex, 3.00mm
(.118"), Standard Fiber Optic Cable Assembly, 5.0m (16.40' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Comments
Waterproof
Connector to Connector
SC/APC-to-Pigtail
Mode
Singlemode
Obsolete Date
2003/01/01
Overview
fiber_optic_product_families
Product Name
SC
Physical
Cable Length
10.0m (32.81' )
Cable Size
10.0mm (.394")
Fiber (Core/Cladding)
9/125µm/G652
Single Ended
Yes
Wire/Cable Type
4 Cores
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-082
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 885237003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885237004 MOLEX10-885237004 Datasheet
101Kb / 2P
   SC/APC-to-Pigtail, Waterproof, 4F, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 885237003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885239990 MOLEX10-0885239990 Datasheet
76Kb / 2P
   SC/APC-to-Pigtail, Singlemode, Waterproof, 9/125關m/G652, Simplex, 1F, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885234504 MOLEX10-0885234504 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885234604 MOLEX10-0885234604 Datasheet
87Kb / 2P
   FC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885236404 MOLEX10-0885236404 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885276503 MOLEX10-0885276503 Datasheet
77Kb / 2P
   SC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885237004 MOLEX10-0885237004 Datasheet
101Kb / 2P
   SC/APC-to-Pigtail, Waterproof, 4F, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885236503 MOLEX10-0885236503 Datasheet
86Kb / 2P
   FC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885236304 MOLEX10-0885236304 Datasheet
95Kb / 2P
   FC/APC-to-SC/PC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885232004 MOLEX10-0885232004 Datasheet
91Kb / 2P
   FC/APC-to-FC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885230204 MOLEX10-0885230204 Datasheet
91Kb / 2P
   SC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com