Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0905841320 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0905841320
Description  1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 20 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0905841320 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0905841320 Datasheet HTML 1Page - Molex Electronics Ltd. 0905841320 Datasheet HTML 2Page - Molex Electronics Ltd. 0905841320 Datasheet HTML 3Page - Molex Electronics Ltd. 0905841320 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0905841320
Status:
Active
Description:
1.27mm (.050") Pitch Picoflex® PF-50 IDT Receptacle, Low Profile, Board-In, 20
Circuits
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification ES-99033-0002 (PDF)
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90584
Comments
Low Profile
Component Type
One Piece
Glow-Wire Compliant
No
MolexKits
Yes
Product Name
Board-In, Picoflex®
Physical
Circuits (Loaded)
20
Color - Resin
Natural
Durability (mating cycles max)
30
Entry Angle
90° Angle
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
80.00
Plating min: Mating (µm)
2.00
Plating min: Termination (µin)
80.00
Plating min: Termination (µm)
2.00
Polarized to Mating Part
N/A
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Kinked Pin
Wire Insulation Diameter
1.00mm (.039") max.
Wire Size AWG
26, 28
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Voltage - Maximum
250V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90584Series
Mates With
N/A
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Arbor Press Fixture 0690201902
Semi-Automatic
Bench Press PB16
with Auto De-
tubing for 90854
Connectors
0691271010
Handtool for
90327, 90584 and
91577 Picoflex®
0690081090


Similar Part No. - 0905841320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905841322 MOLEX10-0905841322 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 22 Circuits
0905841324 MOLEX10-0905841324 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 24 Circuits
0905841326 MOLEX11-0905841326 Datasheet
190Kb / 4P
   1.27mm (.050") Pitch Picoflex PF-50 IDT Receptacle, Low Profile, Board-In, 26 Circuits
More results

Similar Description - 0905841320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905841314 MOLEX10-0905841314 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 14 Circuits
0905841316 MOLEX10-0905841316 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 16 Circuits
0905841322 MOLEX10-0905841322 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 22 Circuits
0905841324 MOLEX10-0905841324 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 24 Circuits
0905841318 MOLEX10-0905841318 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 18 Circuits
0905841304 MOLEX10-0905841304 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 4 Circuits
0905841310 MOLEX10-0905841310 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 10 Circuits
0905841308 MOLEX10-0905841308 Datasheet
190Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 8 Circuits
0905842310 MOLEX11-0905842310 Datasheet
189Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 IDT Receptacle, Low Profile, Board-In, 10Circuits
0903273308 MOLEX10-0903273308 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 8 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com