Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87759-1864 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87759-1864
Description  2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87759-1864 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87759-1864 Datasheet HTML 1Page - Molex Electronics Ltd. 87759-1864 Datasheet HTML 2Page - Molex Electronics Ltd. 87759-1864 Datasheet HTML 3Page - Molex Electronics Ltd. 87759-1864 Datasheet HTML 4Page - Molex Electronics Ltd. 87759-1864 Datasheet HTML 5Page - Molex Electronics Ltd. 87759-1864 Datasheet HTML 6Page - Molex Electronics Ltd. 87759-1864 Datasheet HTML 7Page - Molex Electronics Ltd. 87759-1864 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89990-476
Product Specification
PS-87761-100
Sales Drawing
SD-87759-117
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87759-1864

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87759-1865 MOLEX10-87759-1865 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 18 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
More results

Similar Description - 87759-1864

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877594064 MOLEX10-0877594064 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 40 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877595064 MOLEX10-0877595064 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877591464 MOLEX10-0877591464 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 14 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877594264 MOLEX10-0877594264 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 42 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877594464 MOLEX10-0877594464 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 44 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877591664 MOLEX10-0877591664 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 16 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877591064 MOLEX10-0877591064 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877592464 MOLEX10-0877592464 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 24 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877592064 MOLEX10-0877592064 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 20 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
0877594864 MOLEX10-0877594864 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Pick-and-Place Cap
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com