Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90327-0310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90327-0310
Description  1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90327-0310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90327-0310 Datasheet HTML 1Page - Molex Electronics Ltd. 90327-0310 Datasheet HTML 2Page - Molex Electronics Ltd. 90327-0310 Datasheet HTML 3Page - Molex Electronics Ltd. 90327-0310 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0903270365
Status:
Active
Description:
1.27mm (.050") Pitch Picoflex® PF-50, Low Profile, IDT Receptacle, 10 Circuits,
Natural, Tin Plated, Tin Plated, Reeling Option C
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90327
Comments
Low Profile|Reeling Option C
Component Type
Housing
Glow-Wire Compliant
No
Product Name
Picoflex®
Physical
Circuits (Loaded)
10
Color - Resin
Natural
Durability (mating cycles max)
30
Entry Angle
90° Angle
Flammability
94V-0
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
80.00
Plating min: Mating (µm)
2.000
Plating min: Termination (µin)
80.00
Plating min: Termination (µm)
2.00
Polarized to Mating Part
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
1.00mm (.039") max.
Wire Size AWG
26, 28
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Voltage - Maximum
250V
Material Info
Old Part Number
99993957
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90327Series
Mates With
Low Profile Vertical 90325 , Low Profile
Right Angle 90800 , 90715 , 90814 , 90779
Vertical
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
(Plastic) for 90327
Connector, 4-26
Circuit
0690081070
Extrator Tool
for Picoflex™
Connectors
0621006000


Similar Part No. - 90327-0310

ManufacturerPart #DatasheetDescription
logo
MolexKits
90327-0310 MOLEXKITS-90327-0310 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
90327-0310 MOLEXKITS-90327-0310 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
90327-0310 MOLEXKITS-90327-0310 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
logo
Molex Electronics Ltd.
90327-0310 MOLEX10-90327-0310 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Tin Plated
90327-0310 MOLEX10-90327-0310 Datasheet
166Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option A
More results

Similar Description - 90327-0310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0903270393 MOLEX10-0903270393 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 22 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270377 MOLEX10-0903270377 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 16 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270385 MOLEX10-0903270385 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 20 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270381 MOLEX10-0903270381 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 18 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270369 MOLEX10-0903270369 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 12 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270389 MOLEX10-0903270389 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270373 MOLEX10-0903270373 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 14 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270397 MOLEX10-0903270397 Datasheet
166Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 24 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
0903270363 MOLEX10-0903270363 Datasheet
166Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option A
0903270364 MOLEX10-0903270364 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com