Electronic Components Datasheet Search |
|
87832-1223 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
87832-1223 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0878321223 Status: Active Overview: milligrid Description: 2.00mm (.079") Pitch Milli-Grid™ Header, Surface Mount, Vertical, Shrouded, Lead- free, 12 Circuits, 0.76µm (30µ") Gold (Au) Plating, Pick-and-Place Cap, without Locking Window, Center Polarization Slot, PCB Locator, Tube Documents: 3D Model Product Specification PS-87831-027 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 87832 Application Wire-to-Board Comments With Cap|Contact Molex for application in automotive industry Overview milligrid Product Name Milli-Grid™ Physical Breakaway No Circuits (Loaded) 12 Circuits (maximum) 12 Color - Resin Black First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part Yes Lock to Mating Part No Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Nylon Number of Rows 2 Orientation Vertical PCB Locator Yes PCB Retention None Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 75 Plating min: Termination (µm) 1.88 Polarized to Mating Part Center Slot Polarized to PCB No Robotic Placement Pick and Place Cap Shrouded Fully Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 87832Series Mates With 50394 Wire-to-Board Terminals. 51110 Wire-to-Board Crimp Housing. 87568 Wire- to-Board IDT Housings. 79107 Board-to- Board Top Entry Through Hole Receptacle. 79108 Board-to-Board FFC/FPC Top Entry Through Hole Receptacle. L |
Similar Part No. - 87832-1223 |
|
Similar Description - 87832-1223 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |