Electronic Components Datasheet Search |
|
0878333019 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0878333019 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0878333019 Status: Active Overview: milligrid Description: 2.00mm (.079") Pitch Milli-Grid™ Header, Right Angle, Fully Shrouded, Lead-free, 30 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window, Center Polarization Slot, Tube Documents: 3D Model Product Specification PS-87831-027 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 87833 Application Wire-to-Board Comments Contact Molex for application in automotive industry Overview milligrid Product Name Milli-Grid™ Physical Breakaway No Circuits (Loaded) 30 Circuits (maximum) 30 Color - Resin Black Durability (mating cycles max) 100 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Nylon Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.085 In PC Tail Length (mm) 2.16 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 2 Plating min: Mating (µm) 0.05 Plating min: Termination (µin) 75 Plating min: Termination (µm) 1.88 Polarized to Mating Part Side Slots (2) Polarized to PCB No Shrouded Fully Stackable No Surface Mount Compatible (SMC) Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 87833Series Mates With 50394 Wire-to-Board Terminals. 51110 Wire-to-Board Crimp Housing. 87568 Wire- to-Board IDT Housings. 79107 Board-to- Board Top Entry Through Hole Receptacle. 79108 Board-to-Board FFC/FPC Top Entry Through Hole Receptacle. L |
Similar Part No. - 0878333019 |
|
Similar Description - 0878333019 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |