Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87874-3002 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 87874-3002
Description  5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87874-3002 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  87874-3002 Datasheet HTML 1Page - Molex Electronics Ltd. 87874-3002 Datasheet HTML 2Page - Molex Electronics Ltd. 87874-3002 Datasheet HTML 3Page - Molex Electronics Ltd. 87874-3002 Datasheet HTML 4Page - Molex Electronics Ltd. 87874-3002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 87874-3002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87874-3001 MOLEX10-87874-3001 Datasheet
268Kb / 5P
   5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount
More results

Similar Description - 87874-3002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878743001 MOLEX10-0878743001 Datasheet
268Kb / 5P
   5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount
0878746001 MOLEX10-0878746001 Datasheet
243Kb / 5P
   5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Beveled Metal Pins
0878072002 MOLEX10-0878072002 Datasheet
306Kb / 5P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-P(B) Header, Through Hole, Right Angle, Screw Mount, 22 Circuits
0878072006 MOLEX10-0878072006 Datasheet
306Kb / 5P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??SP (B) Header, Through Hole, Right Angle, Screw Mount, 30 Circuits
0878072007 MOLEX10-0878072007 Datasheet
306Kb / 5P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??SP(B) Header, Through Hole, Right Angle, Screw Mount, 30 Circuits
0878742004 MOLEX10-0878742004 Datasheet
210Kb / 4P
   7.62mm (.300), 5.08mm (.200), 6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??P-S Header, Through Hole, Right Angle, Screw Mount
0878742003 MOLEX10-0878742003 Datasheet
210Kb / 4P
   7.62mm (.300), 6.35mm (.250), 5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??P-S Header, Through Hole, Right Angle, Screw Mount
0876963012 MOLEX9-0876963012 Datasheet
253Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount, Long Contacts, 26 Circuits
0878082003 MOLEX10-0878082003 Datasheet
193Kb / 4P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-P(B) Receptacle, Through Hole, Right Angle
0876963010 MOLEX9-0876963010 Datasheet
253Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount, Long Contacts, 36 Circuits, Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com