Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879200014 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0879200014
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 14 Circuits, Tin (Sn) Overall Plating, with Pick-and-Place Cap
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879200014 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0879200014 Datasheet HTML 3Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 4Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 5Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 6Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 7Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 8Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 9Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 10Page - Molex Electronics Ltd. 0879200014 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image


Similar Part No. - 0879200014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879200830 MOLEX10-0879200830 Datasheet
1Mb / 12P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 8 Circuits, 2.50關m (98關) Tin (Sn) Plating, with Pick-and-Place Cap
0879200833 MOLEX10-0879200833 Datasheet
1Mb / 16P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 8 Circuits, 2.50關m (98關) Tin (Sn) Plating, with Pick-and-Place Cap, without Peg
More results

Similar Description - 0879200014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879202003 MOLEX10-0879202003 Datasheet
1Mb / 16P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 20 Circuits, Tin (Sn) Overall Plating, with Pick-and-Place Cap, without Peg
0879200830 MOLEX10-0879200830 Datasheet
1Mb / 12P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 8 Circuits, 2.50關m (98關) Tin (Sn) Plating, with Pick-and-Place Cap
0879200833 MOLEX10-0879200833 Datasheet
1Mb / 16P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 8 Circuits, 2.50關m (98關) Tin (Sn) Plating, with Pick-and-Place Cap, without Peg
0879208115 MOLEX10-0879208115 Datasheet
1Mb / 13P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 14 Circuits, 0.38關m (15關) Gold (Au) Plating, with Pick-and-Place Cap, with Peg, Tape and Reel
0015912140 MOLEX2-0015912140 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 14 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0879208147 MOLEX10-0879208147 Datasheet
1Mb / 13P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 14 Circuits, 0.38關m (15關) Gold (Au) Plating, with Pick-and-Place Cap, with Peg, Tube Packaging
0879209346 MOLEX10-0879209346 Datasheet
1Mb / 13P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 34 Circuits, Tin (Sn) Overall Plating, without Cap, without Peg, Tube Packaging, Lead-free
15-91-1141 MOLEX11-15-91-1141 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 14 Circuits, Tin (Sn) Plating, with 3.30mm PCB Locator Pegs
0015911141 MOLEX2-0015911141 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 14 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0713492005 MOLEX8-0713492005 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded,14 Circuits, Tin (Sn) Plating, with Press-fit Plastic Pegs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com