Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87833-1020 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87833-1020
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87833-1020 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87833-1020 Datasheet HTML 1Page - Molex Electronics Ltd. 87833-1020 Datasheet HTML 2Page - Molex Electronics Ltd. 87833-1020 Datasheet HTML 3Page - Molex Electronics Ltd. 87833-1020 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plating min: Termination (µm)
1.88
Polarized to Mating Part
Center Slot
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
11
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
265
Material Info
Reference - Drawing Numbers
Product Specification
PS-87831-027
Sales Drawing
SD-87833-010
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87833-1020

ManufacturerPart #DatasheetDescription
logo
MolexKits
87833-1020 MOLEXKITS-87833-1020 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
87833-1020 MOLEXKITS-87833-1020 Datasheet
23Kb / 3P
   PCB Through Hole
More results

Similar Description - 87833-1020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878335020 MOLEX10-0878335020 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 50 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
0878336020 MOLEX10-0878336020 Datasheet
267Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 12 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
0878332620 MOLEX10-0878332620 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 26 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
0878331220 MOLEX10-0878331220 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 12 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
0878333620 MOLEX10-0878333620 Datasheet
307Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 36 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
0878333220 MOLEX10-0878333220 Datasheet
307Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 32 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
0878331031 MOLEX10-0878331031 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878331033 MOLEX10-0878331033 Datasheet
146Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878331051 MOLEX10-0878331051 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878331041 MOLEX10-0878331041 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com