Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878322016 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0878322016
Description  2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 20 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878322016 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0878322016 Datasheet HTML 1Page - Molex Electronics Ltd. 0878322016 Datasheet HTML 2Page - Molex Electronics Ltd. 0878322016 Datasheet HTML 3Page - Molex Electronics Ltd. 0878322016 Datasheet HTML 4Page - Molex Electronics Ltd. 0878322016 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-87831-027
Sales Drawing
SD-87832-008
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0878322016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878322014 MOLEX10-0878322014 Datasheet
676Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 20 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
More results

Similar Description - 0878322016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878322014 MOLEX10-0878322014 Datasheet
676Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 20 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878324016 MOLEX10-0878324016 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 40 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878323014 MOLEX10-0878323014 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 30 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878323414 MOLEX10-0878323414 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 34 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878325012 MOLEX10-0878325012 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 50 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878321416 MOLEX10-0878321416 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 14 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878324012 MOLEX10-0878324012 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 40 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878325016 MOLEX10-0878325016 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 50 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878323016 MOLEX10-0878323016 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 30 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
0878321614 MOLEX10-0878321614 Datasheet
357Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 16 Circuits, 0.38關m (15關) Gold (Au) Plating, with Locking Windows
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com