Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885236702 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 885236702
Description  SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885236702 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  885236702 Datasheet HTML 1Page - Molex Electronics Ltd. 885236702 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 885236702

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885236700 MOLEX10-885236700 Datasheet
92Kb / 2P
   SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885236701 MOLEX10-885236701 Datasheet
92Kb / 2P
   SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885236703 MOLEX10-885236703 Datasheet
92Kb / 2P
   SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
885236704 MOLEX10-885236704 Datasheet
92Kb / 2P
   SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
885236705 MOLEX10-885236705 Datasheet
92Kb / 2P
   SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 6.0m (19.68)
More results

Similar Description - 885236702

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885277302 MOLEX10-0885277302 Datasheet
89Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885277802 MOLEX10-0885277802 Datasheet
86Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885272602 MOLEX10-0885272602 Datasheet
80Kb / 2P
   FC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885271902 MOLEX10-0885271902 Datasheet
85Kb / 2P
   FC-to-SC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885262202 MOLEX10-0885262202 Datasheet
85Kb / 2P
   LC-to-ST, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885236602 MOLEX10-0885236602 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885263502 MOLEX10-0885263502 Datasheet
81Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885271602 MOLEX10-0885271602 Datasheet
82Kb / 2P
   FC-to-FC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885261602 MOLEX10-0885261602 Datasheet
84Kb / 2P
   ST-to-ST, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885272302 MOLEX10-0885272302 Datasheet
80Kb / 2P
   FC-to-ST, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com