Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879590006 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0879590006
Description  1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 3.50mm (.138) Tail Length, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879590006 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0879590006 Datasheet HTML 1Page - Molex Electronics Ltd. 0879590006 Datasheet HTML 2Page - Molex Electronics Ltd. 0879590006 Datasheet HTML 3Page - Molex Electronics Ltd. 0879590006 Datasheet HTML 4Page - Molex Electronics Ltd. 0879590006 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 0879590006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879590001 MOLEX10-0879590001 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 2.50mm (.098) Tail Length
0879590007 MOLEX10-0879590007 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 3.75mm (.148) Tail Length, Lead-free
More results

Similar Description - 0879590006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879590007 MOLEX10-0879590007 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 3.75mm (.148) Tail Length, Lead-free
0879590001 MOLEX10-0879590001 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 2.50mm (.098) Tail Length
0878630025 MOLEX10-0878630025 Datasheet
322Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Press fit, 3.50mm (.138) Tail Length, 29 Circuits, Lead free
0876090153 MOLEX9-0876090153 Datasheet
302Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090152 MOLEX9-0876090152 Datasheet
302Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110") Tail Length
0876090051 MOLEX9-0876090051 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090071 MOLEX9-0876090071 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140) Tail Length
0876090052 MOLEX9-0876090052 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876232101 MOLEX9-0876232101 Datasheet
303Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm (.110) Tail Length
0876232115 MOLEX9-0876232115 Datasheet
302Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 3.18mm (.125) Tail Length
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com